PART |
Description |
Maker |
XAL7020-331ME XAL7020-152ME XAL7020-102ME XAL7020- |
High Temperature Shielded Power Inductors
|
Coilcraft lnc.
|
XAL1010-102ME XAL1010-103ME XAL1010-152ME XAL1010- |
High Temperature Shielded Power Inductors
|
Coilcraft lnc.
|
43860-0007 43860-0008 43860-0009 43860-0010 43860- |
Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
|
Molex Electronics Ltd.
|
0676431931 67643-1931 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, High-Temperature White Nylon, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.20mm (.047)
|
Molex Electronics Ltd.
|
2SK1611 |
V(dss): 800V; silicon N-channel powe F-MOS FET. For high-speed switching, for high frequency power amplification Silicon N-Channel Power F-MOS FET
|
Panasonic Semiconductor http://
|
GL194A |
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
BCM8220 |
2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER
|
BOARDCOM[Broadcom Corporation.]
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
1008PS-102KL 1008PS-104KL- 1008PS-103KL- 1008PS-68 |
Higher SRF than our other power inductors, High inductance with tight tolerance Shielded High SRF Inductors 1008PS Shielded High SRF Inductors 1008PS
|
Coilcraft lnc.
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|